Part Number Hot Search : 
Z5257B 10200 MB86298 TA78L12S W2040 STC1120 A1727 BL24C256
Product Description
Full Text Search
 

To Download 2CL2FF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2CL2
HIGH VOLTAGE, MEDIUM CURRENT SILICON RECTIFIER DIODES
EDI TYPE # PRV VOLTS Forward Voltage Drop @ 100mA
2CL2F 8,000 10V
STANDARD RECOVERY 2CL2G 2CL2H 2CL2J 10,000 12,000 15,000 12V 13V 16V
2CL2FF 8,000 16V
FAST RECOVERY 2CL2FG 2CL2FH 10,000 12,000 18V 20V
2CL2FJ 15,000 24V
ULTRA FAST RECOVERY 2CL2FK 2CL2FL 2CL2FM 10,000 15,000 20,000 22V 26V 35V
ELECTRICAL CHARACTERISTIC (at TAir = 25C Unless Otherwise Specified) Average Maximum Forward Current IF Max @ T Air = 40C Average Maximum Forward Current IF Max @ T Oil = 55C Max Surge Current (1/2 Cycle, 60 Hz) Max DC Reverse Current (25C) Max DC Reverse Current (100C) Reverse Recovery Time Operating Temperature Range Storage Temperature Range
2CL2_ STANDARD RECOVERY 0.10 A 0.22 A 20 A 2.0 A 40.0 A -
2CL2FF-2CLFJ FAST RECOVERY 0.06 A 0.12 A 10 A 2.0 A 50.0 A 150 nSec -55 To 150C -55 To 150C
2CL2FK-2CLFM ULTRA FAST RECOVERY 0.10 A 0.22 A 10 A 2.0 A 50.0 A 100 nSec
NOTES: It is recommended that a proper heat sink be used on the terminals of this device between the body and the soldering point to prevent damage from excess heat.
ELECTRONIC DEVICES INC DESIGNERS AND MANUFACTURERS OF SOLID STA DEVICES SINCE 1951 TE
EDI reserves the right to change these specifications at any time whthout notice.
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
21 GRAY OAKS AVENUE * YONKERS. NEW YORK 10710 914-965-4400 * FAX 914-965-5531 * 1-800-678-0828
Ee-mail:sales@edidiodes.com * Wwebsite: http://www.edidiodes.com


▲Up To Search▲   

 
Price & Availability of 2CL2FF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X